|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FDH600 / FDLL600 Discrete POWER & Signal Technologies FDH / FDLL 600 COLOR BAND MARKING DEVICE FDLL600 1ST BAND 2ND BAND RED WHITE LL-34 DO-35 THE PLACEMENT OF THE EXPANSION GAP HAS NO RELATIONSHIP TO THE LOCATION OF THE CATHODE TERMINAL High Conductance Ultra Fast Diode Sourced from Process 1R. See MMBD1201-1205 for characteristics. Absolute Maximum Ratings* Symbol W IV IO IF if if(surge) Working Inverse Voltage Average Rectified Current DC Forward Current Recurrent Peak Forward Current TA = 25C unless otherwise noted Parameter Value 50 200 400 600 1.0 4.0 -65 to +200 175 Units V mA mA mA A A C C Tstg TJ Peak Forward Surge Current Pulse width = 1.0 second Pulse width = 1.0 microsecond Storage Temperature Range Operating Junction Temperature *These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. NOTES: 1) These ratings are based on a maximum junction temperature of 200 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations. Thermal Characteristics Symbol PD RJA TA = 25C unless otherwise noted Characteristic Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Ambient Max FDH/FDLL 600 500 3.33 300 Units mW mW/C C/W a 1997 Fairchild Semiconductor Corporation FDH600 / FDLL600 High Conductance Ultra Fast Diode (continued) Electrical Characteristics Symbol BV IR VF TA = 25C unless otherwise noted Parameter Breakdown Voltage Reverse Current Forward Voltage Test Conditions IR = 5.0 A VR = 50 V VR = 50 V, TA = 150C IF = 1.0 mA IF = 10 mA IF = 50 mA IF = 100 mA IF = 200 mA VR = 0, f = 1.0 MHz IF = IR = 10 mA, Irr = 1.0 mA, RL = 100 IF = IR = 200 mA, Irr = 20 mA, RL = 100 Min 75 Max 100 100 650 790 860 920 1.0 2.5 4.0 6.0 Units V nA A mV mV mV mV V pF nS nS CO TRR Diode Capacitance Reverse Recovery Time TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM DISCLAIMER ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. Preliminary First Production No Identification Needed Full Production Obsolete Not In Production This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. |
Price & Availability of FDH60097 |